PART |
Description |
Maker |
D390CH18E3L2 D390CH18E3L3 D390CH18E3L4 D390CH18E3L |
2426 A, 1800 V, SCR 1125 A, 1200 V, SCR, TO-200AB 1950 A, 800 V, SCR, TO-200AC 5087 A, 1600 V, SCR 5087 A, 1800 V, SCR 2749 A, 1800 V, SCR 2749 A, 800 V, SCR 2110 A, 3000 V, SCR 2749 A, 600 V, SCR 1895 A, 1000 V, SCR, TO-200AC 2268 A, 1200 V, SCR 5260 A, 1200 V, SCR 1690 A, 800 V, SCR, TO-200AC 2749 A, 1600 V, SCR 5260 A, 1600 V, SCR 2749 A, 1000 V, SCR 1765 A, 1200 V, SCR, TO-200AC 1765 A, 1600 V, SCR, TO-200AC 2749 A, 1200 V, SCR 2749 A, 400 V, SCR 1030 A, 800 V, SCR, TO-200AB 1715 A, 600 V, SCR, TO-200AC 3140 A, 600 V, SCR 2600 A, 1200 V, SCR
|
Westcode Semiconductors, Ltd. WESTCODE SEMICONDUCTORS LTD
|
CS3P-40B CS3P-40D CS3P-40M CS3P-40N CS3P-40P CS3P- |
40 A, 1000 V, SCR TO-3P, 3 PIN 40 A, 1200 V, SCR TO-3P, 3 PIN ISOLATED 40 AMP SCR 200 THRU 1200 VOLTS Leaded Thyristor SCR
|
Central Semiconductor, Corp. Central Semiconductor Corp
|
C-CWP347-18 T-CWP347-12 T-CWP347-18 W-CWP347-18 C- |
392.5 A, 1800 V, SCR 392.5 A, 1200 V, SCR 47.1 A, 1200 V, SCR 37.68 A, 1200 V, SCR 81.64 A, 800 V, SCR 81.64 A, 1200 V, SCR
|
IXYS, Corp. IXYS CORP
|
CS218I-30PBLEADFREE CS218I-30BLEADFREE CS218I-30DL |
30 A, 1200 V, SCR, TO-218 30 A, 200 V, SCR, TO-218 30 A, 400 V, SCR, TO-218 30 A, 600 V, SCR, TO-218 30 A, 1000 V, SCR, TO-218 35 A, 1200 V, SCR, TO-218 35 A, 1200 V, SCR, TO-48
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
R216CH12 R325CH02 R800CH04 |
1125 A, 1200 V, SCR 2398 A, 200 V, SCR 5260 A, 400 V, SCR
|
Westcode Semiconductors, Ltd. WESTCODE SEMICONDUCTORS LTD
|
SKT431F08DS |
1100 A, 800 V, SCR, TO-200AB
|
SEMIKRON INTERNATIONAL
|
SKT240/08D |
376.8 A, 800 V, SCR, TO-200AB
|
SEMIKRON INTERNATIONAL
|
CS218I-50M CS218I-50P CS218I-50B CS218I-50PB CS218 |
ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS 50 A, 600 V, SCR, TO-218 ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS 50 A, 1000 V, SCR, TO-218 ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS 50 A, 200 V, SCR, TO-218 ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS 50 A, 1200 V, SCR, TO-218 ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS 50 A, 800 V, SCR, TO-218
|
Central Semiconductor, Corp.
|
ST280C06C0 |
Silicon Controlled Rectifier, 960 A, 600 V, SCR, TO-200AB, EPUK-2
|
Vishay Semiconductors
|
CM431690 CM431290 |
Dual SCR POW-R-BLOK?Modules 90 Amperes/1200-1600 Volts Dual SCR POW-R-BLOK?/a> Modules 90 Amperes/1200-1600 Volts Dual SCR POW-R-BLOK⑩ Modules 90 Amperes/1200-1600 Volts Dual SCR POW-R-BLOK Modules 90 Amperes/1200-1600 Volts Dual SCR POW-R-BLOKModules 90 Amperes/1200-1600 Volts 140 A, 1200 V, SCR
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
TA202412 TA202414 TA203012 TA203014 TA204012 TA204 |
Phase Control SCR (1200-1400 Amperes Avg 2400-4000 Volts) 第一阶段控制晶闸管(1200-1400安培平均2400-4000伏特
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
|